Part Number Hot Search : 
RT9201 74LCX573 X1203 40L45 30KPA5 M18HB BA103 CJ130
Product Description
Full Text Search
 

To Download IRF840AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com 1 12/16/99 smps mosfet hexfet ? power mosfet l switch mode power supply (smps) l uninterruptible power supply l high speed power switching benefits applications l low gate charge qg results in simple drive requirement l improved gate, avalanche and dynamic dv/dt ruggedness l fully characterized capacitance and avalanche voltage and current l effective coss specified (see an 1001) v dss r ds(on) max i d 500v 0.85 w 8.0a parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v ? 8.0 i d @ t c = 100c continuous drain current, v gs @ 10v ? 5.1 a i dm pulsed drain current ?? 32 p d @t c = 25c power dissipation 125 w p d @t a = 25c power dissipation 3.1 linear derating factor 1.0 w/c v gs gate-to-source voltage 30 v dv/dt peak diode recovery dv/dt ?? 5.0 v/ns t j operating junction and -55 to + 150 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c absolute maximum ratings notes ? through ? are on page 10 typical smps topologies l two transistor forward l haft bridge l full bridge IRF840AS irf840al d 2 pak IRF840AS to-262 irf840al pd- 91901b
IRF840AS/l 2 www.irf.com parameter min. typ. max. units conditions g fs forward transconductance 3.7 CCC CCC s v ds = 50v, i d = 4.8a q g total gate charge CCC CCC 38 i d = 8.0a q gs gate-to-source charge CCC CCC 9.0 nc v ds = 400v q gd gate-to-drain ("miller") charge CCC CCC 18 v gs = 10v, see fig. 6 and 13 ?? t d(on) turn-on delay time CCC 11 CCC v dd = 250v t r rise time CCC 23 CCC i d = 8.0a t d(off) turn-off delay time CCC 26 CCC r g = 9.1 w t f fall time CCC 19 CCC r d = 31 w ,see fig. 10 ?? c iss input capacitance CCC 1018 CCC v gs = 0v c oss output capacitance CCC 155 CCC v ds = 25v c rss reverse transfer capacitance CCC 8.0 CCC pf ? = 1.0mhz, see fig. 5 c oss output capacitance CCC 1490 CCC v gs = 0v, v ds = 1.0v, ? = 1.0mhz c oss output capacitance CCC 42 CCC v gs = 0v, v ds = 400v, ? = 1.0mhz c oss eff. effective output capacitance CCC 56 CCC v gs = 0v, v ds = 0v to 480v ?? dynamic @ t j = 25c (unless otherwise specified) ns parameter typ. max. units e as single pulse avalanche energy ? CCC 510 mj i ar avalanche current ? CCC 8.0 a e ar repetitive avalanche energy ? CCC 13 mj avalanche characteristics s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) CCC CCC showing the i sm pulsed source current integral reverse (body diode) ? CCC CCC p-n junction diode. v sd diode forward voltage CCC CCC 2.0 v t j = 25c, i s = 8.0a, v gs = 0v ? t rr reverse recovery time CCC 422 633 ns t j = 25c, i f = 8.0a q rr reverse recoverycharge CCC 2.0 3.0 c di/dt = 100a/s ? t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) diode characteristics 8.0 32 a parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 500 CCC CCC v v gs = 0v, i d = 250a d v (br)dss / d t j breakdown voltage temp. coefficient CCC 0.58 CCC v/c reference to 25c, i d = 1ma ? r ds(on) static drain-to-source on-resistance CCC CCC 0.85 w v gs = 10v, i d = 4.8a ? v gs(th) gate threshold voltage 2.0 CCC 4.0 v v ds = v gs , i d = 250a CCC CCC 25 a v ds = 500v, v gs = 0v CCC CCC 250 v ds = 400v, v gs = 0v, t j = 125c gate-to-source forward leakage CCC CCC 100 v gs = 30v gate-to-source reverse leakage CCC CCC -100 na v gs = -30v static @ t j = 25c (unless otherwise specified) i gss i dss drain-to-source leakage current parameter typ. max. units r q jc junction-to-case CCC 1.0 c/w r q ja junction-to-ambient ( pcb mounted, steady-state)* CCC 40 thermal resistance
IRF840AS/l www.irf.com 3 fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 0.1 1 10 100 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 0.1 1 10 100 0.1 1 10 100 20 s pulse width t = 150 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source volta g e (v) i , drain-to-source current (a) ds d 4.5v 0.1 1 10 100 4.0 5.0 6.0 7.0 8.0 9.0 v = 50v 20s pulse width ds v , gate-to-source volta g e (v) i , drain-to-source current (a) gs d t = 25 c j t = 150 c j -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 7.4a 8.0 fig 4. normalized on-resistance vs. temperature
IRF840AS/l 4 www.irf.com fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0 10 20 30 40 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs for test circuit see figure i = d 13 7.4 a v = 100v ds v = 250v ds v = 400v ds 0.1 1 10 100 0.2 0.5 0.8 1.1 1.4 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 150 c j 0.1 1 10 100 10 100 1000 10000 operation in this area limited by r ds(on) sin g le pulse t t = 150 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 8.0 1 10 100 1000 v ds , drain-to-source voltage (v) 1 10 100 1000 10000 100000 c, capacitance(pf) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd
IRF840AS/l www.irf.com 5 fig 10a. switching time test circuit fig 10b. switching time waveforms fig 9. maximum drain current vs. case temperature v ds pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. 10v + - v dd v ds 90% 10% v gs t d(on) t r t d(off) t f 25 50 75 100 125 150 0.0 2.0 4.0 6.0 8.0 t , case temperature ( c) i , drain current (a) c d 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)
IRF840AS/l 6 www.irf.com q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 m f 50k w .2 m f 12v current regulator same type as d.u.t. current sampling resistors + - 10 v fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 w t p d.u.t l v ds + - v dd driver a 15v 20v fig 12d. typical drain-to-source voltage vs. avalanche current 0.0 1.0 2.0 3.0 4.0 5.0 6.0 i av , avalanche current ( a) 540 550 560 570 580 590 600 610 v dsav , avalanche voltage ( v ) 25 50 75 100 125 150 0 200 400 600 800 1000 1200 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 3.6a 5.1a 8.0a 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 i av , avalanche current ( a) 520 540 560 580 600 v dsav , avalanche voltage ( v )
IRF840AS/l www.irf.com 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - * v gs = 5v for logic level devices peak diode recovery dv/dt test circuit ? ? ? r g v dd dv/dt controlled by r g driver same type as d.u.t. i sd controlled by duty factor "d" d.u.t. - device under test d.u.t circuit layout considerations low stray inductance ground plane low leakage inductance current transformer ? * fig 14. for n-channel hexfet ? power mosfets
IRF840AS/l 8 www.irf.com d 2 pak package outline d 2 pak part marking information 10.16 (.400) r e f. 6.47 (.255) 6.18 (.243) 2.61 (.103) 2.32 (.091) 8.89 (.350) r e f. - b - 1.32 (.052) 1.22 (.048) 2.79 (.110) 2.29 (.090) 1.39 (.055) 1.14 (.045) 5.28 (.208) 4.78 (.188) 4.69 (.185) 4.20 (.165) 10.54 (.415) 10.29 (.405) - a - 2 1 3 15.49 (.610) 14.73 (.580) 3x 0.93 (.037) 0.69 (.027) 5.08 (.200) 3x 1.40 (.055) 1.14 (.045) 1.78 (.070) 1.27 (.050) 1.40 (.055) m ax. notes: 1 dimensions after solder dip. 2 dimensioning & tolerancing per ansi y14.5m, 1982. 3 controlling dimension : inch. 4 heatsink & lead dimensions do not include burrs. 0.55 (.022) 0.46 (.018) 0.25 (.010) m b a m minimum recommended footprint 11.43 (.450) 8.89 (.350) 17.78 (.700) 3.81 (.150) 2.08 (.082) 2x lead assignments 1 - gate 2 - d ra in 3 - source 2.54 (.100) 2x part number international rectifier logo date code (yyw w ) yy = year ww = week assembly lot code f530s 9b 1m 9246 a
IRF840AS/l www.irf.com 9 to-262 part marking information to-262 package outline
IRF840AS/l 10 www.irf.com world headquarters: 233 kansas st., el segundo, california 90245, tel: (310) 252-7105 ir great britain: hurst green, oxted, surrey rh8 9bb, uk tel: ++ 44 1883 732020 ir canada: 15 lincoln court, brampton, ontario l6t3z2, tel: (905) 453 2200 ir germany: saalburgstrasse 157, 61350 bad homburg tel: ++ 49 6172 96590 ir italy: via liguria 49, 10071 borgaro, torino tel: ++ 39 11 451 0111 ir japan: k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo japan 171 tel: 81 3 3983 0086 ir southeast asia: 1 kim seng promenade, great world city west tower, 13-11, singapore 237994 tel: ++ 65 838 4630 ir taiwan: 16 fl. suite d. 207, sec. 2, tun haw south road, taipei, 10673, taiwan tel: 886-2-2377-9936 data and specifications subject to change without notice. 12/99 d 2 pak tape & reel information 3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. ? repetitive rating; pulse width limited by max. junction temperature. (see fig. 11) ? i sd 8.0a, di/dt 100a/s, v dd v (br)dss , t j 150c notes: ? starting t j = 25c, l = 16mh r g = 25 w , i as = 8.0a. (see figure 12) ? pulse width 300s; duty cycle 2%. ? c oss eff. is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss ? uses irf840a data and test conditions * when mounted on 1" square pcb ( fr-4 or g-10 material ). for recommended footprint and soldering techniques refer to application note #an-994.


▲Up To Search▲   

 
Price & Availability of IRF840AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X